Part Number Hot Search : 
SHD12 U74HC373 C1161 SDAXXX BC818 AC16DSMA C1161 T221013
Product Description
Full Text Search
 

To Download SLCC16ARB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SLCC
Vishay Sfernice
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
FEATURES
* High stability Ultrafilm (0.05 % at 1000 h at 70 C under Pn) * Low noise < 35 dB * Hermetic package
RoHS
COMPLIANT
TYPICAL PERFORMANCE
ABS TRACKING 2 ppm/C RATIO 0.1 %
Actual Size
TCR
25 ppm/C ABS
Capable of meeting the characteristics of MIL-PRF-83401 these networks are available in a wide range of resistance values: several standard configurations are presented with the SLCC series.
TOL
0.1 %
Resistance Range: Noted on schematics
SCHEMATIC
SLCC 16 A01
1 K -- 100 K ohms
10 9 8 7
SLCC 16 A03
1 K -- 100 K ohms
10 9 11 12 13 14 15 16 1 2 8 7 6 5 4 3
11 12 13 14
SLCC 16 A06
1 K -- 100 K ohms
10 9 8 7 6 5 4 3 15 16 1 2
SLCC 20A
(10 Isolated Resistors) 10 -- 100 K ohms
13 12 11 10 9 14 15 16 17 18 19 20 1 2 3 8 7 6 5 4
11 12 13 14
6 5 4 3
15 16 1 2
SLCC 20 A01
1 K -- 100 K ohms
13 12 11 10 9 14 15 16 17 18 19 20 1 2 3 8 7 6 5 4
14 15 16 17 18
SLCC 20 A03
1 K -- 100 K ohms
13 12 11 10 9 8 7 6 5 4 19 20 1 2 3
SLCC 20 A06
1 K -- 100 K ohms
13 12 11 10 9 14 15 16 17 18 19 20 1 23 8 7 6 5 4
SLCC 20B
(19 Resistors + 1 Common Point) 10 -- 100 K ohms
13 12 11 10 9 14 15 16 17 18 19 20 1 2 3 8 7 6 5 4
SLCC 24 A01
1 K -- 100 K ohms
15 141312 1110 16 17 18 19 20 21 22 23 24 1 2 3 9 8 7 6 5 4
SLCC 24 A03
1 K -- 100 K ohms
15 14 13 12 11 10 16 17 18 19 20 21 22 23 24 1 2 3 9 8 7 6 5 4
16 17 18 19 20 21
SLCC 24 A06
1 K -- 100 K ohms
15 14 13 12 11 10 9 8 7 6 5 4 22 23 24 1 2 3
www.vishay.com 34
For technical questions contact sfer@vishay.com
Document Number: 60014 Revision: 06-Jul-06
SLCC
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Vishay Sfernice
STANDARD ELECTRICAL SPECIFICATIONS
TEST PIN NUMBER TCR: Tolerance: Power Rating: Tracking Absolute Ratio Absolute Resistor Package SPECIFICATIONS 16, 20, 24 2 ppm/C (typical)/5 ppm/C Max. 25 ppm/C Max. 0.1 % to 1.0 % tighter specs on request 0.1 % to 5.0 % tighter specs on request 50 mW 250 mW 500 mW 1 W 0.05 % < 0.1 ppm/V 100 VDC on R - 55 C to + 125 C - 55 C to + 150 C - 35 dB typical 0.1 V/C < 50 ppm CONDITIONS - 55 C to + 125 C - 55 C to + 125 C
Stability (R Ratio) Voltage Coefficient Working Voltage Operating Temperature Range Storage Temperature Range Noise Thermal EMF Shelf Life Stability
at + 70 C at + 70 C 1000 hrs at + 70 C under Pn
1 year at + 25 C
DIMENSIONS in inches and millimeters
B
SLCC-20A06
D Max.
G Typ.
Terminal #1
R Typ.
1K AO
C
Terminal #1 Indicator
F
F A Typ. E Typ. H
Index Corner
16 Pin mm 20 Pin mm 24 Pin mm
A 0.050" 1.27 0.050" 1.27 0.050" 1.27
B 0.300" 7.62 0.350" 8.89 0.400" 10.16
C 0.300" 7.62 0.350" 8.89 0.400" 10.16
D 0.077" 1.96 0.077" 1.96 0.077" 1.96
E 0.025" 0.635 0.025" 0.635 0.025" 0.635
F 0.050" 1.27 0.050" 1.27 0.050" 1.27
G 0.040" 1.02 0.040" 1.02 0.040" 1.02
H 0.020" 0.508 0.020" 0.508 0.020" 0.508
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: SLCC24A01-10KF0005
S
L
C
C
2
4
A
0
1
-
1
0
K
F
0
0
0
5
GLOBAL MODEL SLCC16 SLCC20 SLCC24
SCHEMATIC A B A01 A03 A06 24 A01 10K
VALUE Decimal R, K or M
TOL. B (0.1 % D (0.5 % F (1.0 % G (2.0 % J (5.0 % e4 0.1 %) 0.25 %) 0.5 %) 1.0 %) 1.0 %)
SPECIAL
Historical Part Number example: SLCC
F
R0005
Document Number: 60014 Revision: 06-Jul-06
For technical questions contact sfer@vishay.com
www.vishay.com 35
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SLCC16ARB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X